Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download UNA0232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor Arrays
UNA0232
Silicon NPN epitaxial planar transistor
For motor drives For small motor drive circuits in general
10 0.40.1 9876 0.2+0.1 -0.0
Unit: mm
Features
* Small and lightweight * Low power consumption * Low-voltage drive * With 4 elements incorporated
5.50.3 7.70.3
12 45
0.5 1 2 345 0.90.1 6.50.3
12
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Total power dissipation * Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg
Rating 12 10 7 1 2 0.5 150 -55 to +150
Unit V V V A A W C C
1: Emitter 2: Collector Emitter 3: Base
4: Base 8: Base 5: Collector 9: Collector 6: Collector Emitter 7: Base 10: Emitter
0.8 1.50.1 1.5 +0.2 -0.1
Absolute Maximum Ratings Ta = 25C
SO10-G1 Package
Marking Symbol: UN232 Internal Connection
10 9 8 8 6
Note) *: When the dissipation on one device is TC = 25C
Q2
Q4
Q1
Q3
1
2
3
4
5
0.50.2
Publication date: April 2003
SJK00051BED
1
UNA0232
Electrical Characteristics Ta = 25C 3C
* Q1, Q2
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio *1 Collector-emitter saturation voltage Base-emitter resistance *2 Forward voltage *1, 3
*1
Symbol VCBO VCEO ICBO IEBO hFE VCE(sat) RBE VF IF = 1 A
Conditions IC = 10 A, IE = 0 IC = 0.1 mA, IB = 0 VCB = 10 V, IE = 0 VEB = 5 V, IC = 0 VCE = 1 V, IC = 0.5 A IC = 0.5 A, IB = 25 mA
Min 12 10
Typ
Max
Unit V V A mA V k V
1 0.8 200 0.10 3.3 4.7 1.6 700 0.15 6.1 1.5
* Q3, Q4
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-base cutoff current (Emitter open) Forward current transfer ratio *1 Collector-emitter saturation voltage *1 Forward voltage
*1, 3
Symbol VCBO VCEO VEBO ICBO hFE VCE(sat) VF
Conditions IC = 10 A, IE = 0 IC = 0.1 mA, IB = 0 IE = 10 A, IC = 0 VCB = 10 V, IE = 0 VCE = 1 V, IC = 0.5 A IC = 0.5 A, IB = 25 mA IF = 1 A
Min 12 10 7
Typ
Max
Unit V V V A V V
1 200 0.10 700 0.15 1.5
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *1: Pulse measurement *2: Application to the built-in resistance *3: Application to the built-in diode
2
SJK00051BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of UNA0232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X